|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1N4001GP THRU 1N4007GP SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A FEATURE High temperature metallurgically bonded construction Sintered glass cavity free junction Capability of meeting environmental standard of MIL-S-19500 High temperature soldering guaranteed 350/10sec/0.375"lead length at 5 lbs tension Operate at Ta =55C with no thermal run away Typical Ir<0.1A DO-41\DO-204AL MECHANICAL DATA Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20) SYMBOL 1N4001 GP 1N4002 GP 1N4003 GP 1N4004 GP 1N4005 GP 1N4006 GP 1N4007 GP units * * * * * Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =75C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at 1.0A Maximum full load reverse current full cycle Average at 75C Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Typical Reverse Recovery Time (Note 1) Typical Junction Capacitance Typical Thermal Resistance (Note 2) (Note 3) Vrrm Vrms Vdc If(av) Ifsm Vf Ir(av) Ir Trr Cj R(ja) Tstg, Tj 50 35 50 100 70 100 200 140 200 400 280 400 1.0 30.0 1.1 30.0 5.0 50.0 2.0 8.0 45.0 -65 to +175 600 420 600 800 560 800 1000 700 1000 V V V A A V * * A A A S pF * Storage and Operating Junction Temperature C /W C Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted * JEDEC registered value Rev.A4 www.gulfsemi.com RATINGS AND CHARACTERISTIC CURVES 1N4001GP THRU 1N4007GP 1 1 Rev.A4 www.gulfsemi.com |
Price & Availability of 1N4001GP |